Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 45Page - STMicroelectronics AN3959 Datasheet HTML 46Page - STMicroelectronics AN3959 Datasheet HTML 47Page - STMicroelectronics AN3959 Datasheet HTML 48Page - STMicroelectronics AN3959 Datasheet HTML 49Page - STMicroelectronics AN3959 Datasheet HTML 50Page - STMicroelectronics AN3959 Datasheet HTML 51Page - STMicroelectronics AN3959 Datasheet HTML 52Page - STMicroelectronics AN3959 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
AN3959
Software setup to use the STA381BW/STA381BWS devices (ST Map)
Doc ID 022081 Rev 3
49/65
7.5
Short-circuit protection for the STA381BW/STA381BWS
The device is protected to short circuit at power-on:
●
Enable the short-circuit check enable bit (SHEN, bit D0 register 0x4C)
●
When the device switches from EAPD = 0 to EAPD = 1 (bit D7 register 0x05), the
protection checks the short-circuit
●
It is possible to verify the short, reading register 0x47
–
Bit D0 = 0 (OUTSH) means that OUT1B is shorted to OUT2A
–
Bit D1 = 0 (VCCSH) means that one output pin is shorted with Vcc
–
Bit D2 = 0 (GNDSH) means that one output pin is shorted with GND
●
This function is verified ONLY when EAPD toggles from 0 to 1
●
The feature is enabled in BTL mode. It is not effective in single-ended mode
7.6
Settings for bridge power-up
●
Switch on the bridge
–
Register 0x05 bit D7 set to 1 (default is 0)
●
Change master volume to desired value (e.g. 0 dB)
–
Register 0x07 from 0xFF (mute) to 0x00 (0 dB)
●
Change channel volume to desired value (e.g. +3 dB)
–
Register 0x08 (Ch1 vol) from 0x60 (0dB) to 0x5A (+3 dB)
–
Register 0x09 (Ch2 vol) from 0x60 (0dB) to 0x5A (+3dB)
●
By default, the timing between the bridge power-on in seconds and the real bridge on is
1 sec
●
To modify this timing it is mandatory to change the value in register 0x2B and 0x2C
–
The default value is 0x300C (= 12300)
–
The timing is 12300 * 0.083 * 10-3 = 1.0209 sec
●
For example, to have 100 msec for power-on, the number that must be witten in register
is 1205 (dec) = 0x04B5
–
Write in register 0x2B the value 0x04
–
Write in register 0x2C the value 0xB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com