Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 36Page - STMicroelectronics AN3959 Datasheet HTML 37Page - STMicroelectronics AN3959 Datasheet HTML 38Page - STMicroelectronics AN3959 Datasheet HTML 39Page - STMicroelectronics AN3959 Datasheet HTML 40Page - STMicroelectronics AN3959 Datasheet HTML 41Page - STMicroelectronics AN3959 Datasheet HTML 42Page - STMicroelectronics AN3959 Datasheet HTML 43Page - STMicroelectronics AN3959 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Software setup to use the STA381BW/STA381BWS devices (ST Map)
AN3959
40/65
Doc ID 022081 Rev 3
Figure 48.
STCompressor - compression ratio
●
The compression ratio is user-programmable
●
By default the rate is 1:1 (no variable ratio)
●
There are 16 different settings (from 0 to 15) and the ratio varies from 1:1 to 1:16
Figure 49.
STCompressor - limiter threshold
●
The limiter threshold is user-programmable
●
By default the threshold is set to 0 dB
●
There are 144 different settings (from -24 to +12 dB) with 0.25 dB/step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com