Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4092 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 3Page - STMicroelectronics AN4092 Datasheet HTML 4Page - STMicroelectronics AN4092 Datasheet HTML 5Page - STMicroelectronics AN4092 Datasheet HTML 6Page - STMicroelectronics AN4092 Datasheet HTML 7Page - STMicroelectronics AN4092 Datasheet HTML 8Page - STMicroelectronics AN4092 Datasheet HTML 9Page - STMicroelectronics AN4092 Datasheet HTML 10Page - STMicroelectronics AN4092 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
AN4092
Power Management Controller (PMC)
Doc ID 023080 Rev 2
7/38
3.3V regulator is intended for internally operation only (oscillator, part of FLASH, some
Nexus pins) and it must not be used to supply external circuitry or other IOs. Nevertheless,
VRC33 can be used as the reference on the debug connector of the JTAG/Nexus
interface(b).
Please notice that the JTAG and some Nexus signals (TCK, TDI, TDO, TMS, JCOMP,
MSEO[0:1], RDY, MDO[4..11], EVTO, EVTI) even if powered by a nominal 5V supply,
VDDEH7, are always operating on 3.3 voltage levels, being MultiV pads configured by
default (this setting cannot be changed) in low swing mode. On the other hand, when the
same MultiV pads are configured as GPIO (or eTPU), they work on 5V levels (this setting
cannot be changed either).
1.1.3
1.2V power supply and regulator controller
Most of the internal device circuitry is powered by the 1.2 V VDD input. This includes the
core and the majority of the device internal logic. An internal regulator controller is
implemented to provide a more cost optimized solution. By using an external ballast
transistor, the power loss from reducing the 5 V to 1.2 V can be dissipated externally.
This 1.2V voltage regulator controller provides a current signal (VRCCTL) that drives the
base of the external transistor. VDD is internally connected to the a sense signal that is
compared to an internal bandgap reference that sets the reference voltage. Depending on
VDD the current flowing out of the VRCCTL is adjusted to keep the 1.2 voltage level.
1.1.4
External ballast transistor
The following NPN transistors are guaranteed for use with the on-chip voltage regulator
controller: ON Semiconductor BCP68T1 or NJD2873 as well as NXP BCP68. The collector
of the external transistor is preferably connected to the same voltage supply source as the
output stage of the regulator, however it can also be connected to another voltage supply
(for example 3.3 V).
Any other transistor type / vendor may not work with the circuitry proposed in the
Section 1.1.5: 1.2V core regulator external circuitry in all the conditions, considering the
PVT (Process, Voltage, Temperature) worst cases.
Gain
The maximum current available or the VDD supply depends on the gain of the NPN
transistor used, it should be high enough to allow the operation in the worst case scenario in
terms of current consumption, given the minimum current that can be sourced by
VRCCTL(c).
From the SPC564Axx point of view, the worst case is at hot, the device may require up to
450mA(d) on the VDD. On the other hand, usually the worst case gain is obtained at cold.
b.
IEEE-ISTO 5001™ - 2003 extract: “The VREF signal is used to establish the signaling levels of the debug
interface of the target system. Any current drawn from this pin should be limited to that needed for voltage
translation and/or signal interpolation and is not intended to supply logic functions or power. VREF is not
necessarily at the target processor VDD level.”
c.
Please refer to device DS.
d.
Preliminary data. Check the latest DS for updated figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com