Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4092 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 25Page - STMicroelectronics AN4092 Datasheet HTML 26Page - STMicroelectronics AN4092 Datasheet HTML 27Page - STMicroelectronics AN4092 Datasheet HTML 28Page - STMicroelectronics AN4092 Datasheet HTML 29Page - STMicroelectronics AN4092 Datasheet HTML 30Page - STMicroelectronics AN4092 Datasheet HTML 31Page - STMicroelectronics AN4092 Datasheet HTML 32Page - STMicroelectronics AN4092 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
AN4092
ADC
Doc ID 023080 Rev 2
29/38
Let’s choose Ts = 64 and continuos conversion.
The external RC time constant Rf(Cf+Cp) is 1.496us, therefore Ts is about 3 times that
constant, meaning that the second exponential transient is not really over. However, the
voltage drop due to the charge share is only (Equation 6: ) 4.41mV (worst case(n)), leading
to a negligible error (being Ts = 3 x time constant).
EXAMPLE 2
Let’s assume that:
●
Vamax = 24V
●
Rs = 100Ohm
●
f0 = 50Hz
Using the Equation 1:
Let’s choose Rf = 6.2KOhm.
Then, from the Equation 3:
Let’s choose Cf = 470nF.
In this case, being the signal slow, we can simply choose the maximum sampling time: Ts =
128. Then the ADC can be triggered by an internal timer to meet the Nyquist requirement fN
= 2f0.
The capacitance Cf is much bigger than the internal one, leading to a negligible voltage drop
and hence basically no conversion errors due to the charge sharing, hence allowing
potentially even smaller sampling times, reducing the overall conversion time.
n.
The worst case is 3.75V, difference between the sample voltage and the residual voltage on the sample
capacitance.
T
s
80
14
66ADCclockcycles
=
–
=
R
f
24
5.5
–
310
3
–
⋅
---------------------
100
–
6K
Ω
≅
≥
C
f
1
2
π50 6.2 10
3
⋅
()
-----------------------------------------
513nF
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com