Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4092 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 30Page - STMicroelectronics AN4092 Datasheet HTML 31Page - STMicroelectronics AN4092 Datasheet HTML 32Page - STMicroelectronics AN4092 Datasheet HTML 33Page - STMicroelectronics AN4092 Datasheet HTML 34Page - STMicroelectronics AN4092 Datasheet HTML 35Page - STMicroelectronics AN4092 Datasheet HTML 36Page - STMicroelectronics AN4092 Datasheet HTML 37Page - STMicroelectronics AN4092 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
AN4092
Previous recommended PMC network configurations
Doc ID 023080 Rev 2
35/38
Figure 13.
Alternate SPC563Mxx configuration
MCU
Mandatory decoupling
capacitor network
VDDREG
VRCCTL
VDD
VSS
4
× 6.8 μF4 × 220 nF
2.2
μF
6.8
Ω
6.8-10
μF
1.1–5.6
Ω
10
μF
Resistor may or may not be
required. It depends on the
allowable power dissipation
of the npn bypass transistor
device.
Emitter and collector capacitors
(6.8
μF and 10 μF) should be
matched (same type) and ESR
should be lower than 200 m
Ω.
Notes:
1. The VRCCTL capacitor and resistor required.
2. The bypass transistor MUST be operated out of its saturation region.
GAPGRI00161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com