Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4092 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 24Page - STMicroelectronics AN4092 Datasheet HTML 25Page - STMicroelectronics AN4092 Datasheet HTML 26Page - STMicroelectronics AN4092 Datasheet HTML 27Page - STMicroelectronics AN4092 Datasheet HTML 28Page - STMicroelectronics AN4092 Datasheet HTML 29Page - STMicroelectronics AN4092 Datasheet HTML 30Page - STMicroelectronics AN4092 Datasheet HTML 31Page - STMicroelectronics AN4092 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADC
AN4092
28/38
Doc ID 023080 Rev 2
Equation 9
However the last constraint can’t be always fulfilled. For example when the time constant
Rf(Cf+Cp) has to be big in order to filter out very low frequencies. In this case it is preferable
to reduce the resistor Rf (as long as the current limitation constraint is kept) and increase Cf:
it results in a very small drop due to the charge sharing and eventually a small or negligible
error.
EXAMPLE 1
Let’s assume that:
●
Vamax = 12V
●
Rs = 100Ohm
●
f0 = 100KHz
Using the Equation 1:
Let’s choose Rf = 2.2KOhm.
Then, from the Equation 3:
Let’s choose Cf = 680pF.
Then, from the Equation 4:
Clocking the ADC at its maximum frequency (16MHz):
τ
1
τ
2
T
s
««
R
f
12
5.5
–
310
3
–
⋅
---------------------
100
–
2K
Ω
≅
≥
C
f
1
2
π100 10
3
2.2 10
3
⋅
()
⋅
----------------------------------------------------------
723pF
=
=
T
s
T
c
1
200 10
3
⋅
()
----------------------------
=
+
5
μs
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com