Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4092 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 10Page - STMicroelectronics AN4092 Datasheet HTML 11Page - STMicroelectronics AN4092 Datasheet HTML 12Page - STMicroelectronics AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics AN4092 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Power Management Controller (PMC)
AN4092
14/38
Doc ID 023080 Rev 2
For EMC reasons, decoupling capacitors are connected to the VDD and VSS of adjacent
pins. This is illustrated by Figure 6.
Figure 6.
Implementation of decoupling Capacitors
Do not place one or more caps close to the transistor emitter in order to avoid potential
resonant CLC network (emitter cap(s) -> parasitic inductance -> VDD caps).
1.2
External power supply configuration
In this configuration the three voltage levels required are provided externally: VRCCTL can
be left floating, VRC33 becomes the input of the 3.3 voltage and VDD pins/balls must be
connected to the 1.2 V source.
In order to switch off the internal 3.3 voltage regulator, two solutions are possible:
1.
VDDREG = GND
Disabling the regulator using this option implies disabling also the Low Voltage Inhibit circuit.
SPC564Axx
2.
vrc3p3_shutdown_shadow_bit = 0 (bit 31, least significant bit) in the FLASH_BIU4
register (0xC3F8_802C)(g)
The default value after reset of the volatile register FLASH_BIU4 can be modified by
programming the shadow FLASH location 0x00FF_FE10.
SPC563Mxx
3.
V33EN = 0
g.
The internal 3.3 V regulator is always switched on during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com