Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4092 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 6Page - STMicroelectronics AN4092 Datasheet HTML 7Page - STMicroelectronics AN4092 Datasheet HTML 8Page - STMicroelectronics AN4092 Datasheet HTML 9Page - STMicroelectronics AN4092 Datasheet HTML 10Page - STMicroelectronics AN4092 Datasheet HTML 11Page - STMicroelectronics AN4092 Datasheet HTML 12Page - STMicroelectronics AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Power Management Controller (PMC)
AN4092
10/38
Doc ID 023080 Rev 2
Figure 2.
Voltage regulator external components guaranteed configuration 2
Table 1.
External network specification
External component
Min.
Typ.
Max.
Notes
T1
NJD2873 or BCP68 only
Cb
1.1uF
2.2uF
2.97uF
X7R, -50% / +35%
Ce
3 x 2.35uF
+ 5uF
3 x 4.7uF +
10uF
3 x 6.35uF +
13.5uF
X7R, -50% / +35%
Equivalent ESR of Ce
capacitors
5mOhm
50mOhm
Cd
4 x 50nF
4 x 100nF
7 x 135nF
X7R, -50% / +35%
In order to have one cap on each VDD
(EMC rules), depending on the package the
number of these capacitors may be
increased up to 7x100nF.
700nF is the absolute max allowed: it can
be also split in 12x56nF or 17x47nF.
Rb
9Ohm
10Ohm
11Ohm
+/-10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com