Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN1318 - APPLICATION NOTE
6/9
As described for LVPECL to interface from PECL to LVDS a thevenin equation should be applied. The
Thevenin equation resistor terminates the transmission line Z near the receiver.
- The line characteristics impedance is:
- The DC condition in point A is VCC - 2V
- The DC levels at the LVDS input B are located within the LVDS input common mode range.
The LVDS input swing decreases depending on R2 and R3
8. INTERFACING LVDS TO PECL.
The direct translation between LVDS and PECL/LVPECL signals is not possible. This is because the
LVDS output common mode and differential voltage are not compatible with PECL input levels. Devices
like MC100(LV)EL17 should be used to translate these signals.
Figure 8: Interfacing LVDS to PECL/LVPECL Using the MC100(LV)EL17 device
9. INTERFACING ECL TO LVDS.
The ECC output requires a DC path to VEE. The pull down resistors are connected to VEE. The
Thevenin resistor pair represents the termination of the transmission line Z (R1 || R2). For example,
R1=270Ohm and R2=75Ohm making a parallel of 50Ohm and generates a DC level of 1.2V in the static
entry point of the LVDS circuitry.
Figure 9: Interfacing ECL to LVDS
ZR1
R2
R3
+
()
||
=
pointA
R1
() R1 R2 R3
++
()
⁄
2V
() VCC
()
⁄
=
pointB
R3
() R1 R2 R3
++
()
⁄
VIL
() VCC
()
⁄
=
pointA
in
pointB
R3
() R2 R3
+
()
⁄
∗Vswing
=
in
Vswing
3.3V
5V
Z = 50
Ω
LVDS
MC100(LV)EL17
Z = 50
Ω
R 100
Ω
To PECL
Z = 50
Ω
ECL
3.3V
LVDS
3.3V
VEE
VEE
R1
270
Ω
10 pF
10 pF
Z = 50
Ω
R2
75
Ω
R1
270
Ω
R2
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com