Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AN1318 - APPLICATION NOTE
4/9
Table 3: Electrical characteristics comparison of the differential logic families
5. INTERFACING LVPECL TO LVDS.
To accomplish LVPECL to LVDS interfacing the proposal scheme uses the Thevenin Equation to fix the
static level of the LVDS input. The LVPECL differential output swing will surely go over the LVDS input
circuitry level.
Figure 5: LVPECL to LVDS Interfacing Diagram
This schematic is supplied by 3.3V, the termination of the transmission line Z can be calculated with the
Thevenin equation.
- The characteristic line impedance:
- The DC condition for point A is VCC -2V
Symbol
Parameter
LVDS
LVPECL
PECL
ECL
VCC
3.3V
3.3V
5.0V
GND
VEE
GND
GND
GND
-5.2V, -4.5V or -3.3V
VOH
Minimum Output High Level
1.250V
2.275V
3.975V
-1.030V
VOH
Typical Output High Level
1.375V
2.345V
4.045V
-0.955V
VOH
Maximum Output High Level
1.600V
2.420V
4.120V
-0.880V
VOL
Minimum Output Low Level
0.900V
1.490V
3.190V
-1.810V
VOL
Typical Output Low Level
1.025V
1.595V
3.295V
-1.705V
VOL
Maximum Output High Level
1.250V
1.680V
3.380V
-1.620V
VCC = 3.3V
LVPECL
Z
Z
R1
R1
R2
R2
R3
R3
VCC = 3.3V
LVDS
3.3V
A
A
B
B
ZR1
R2
R3
+
()
||
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com