Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1. ABSTRACT
This application note provides interfacing solutions between some of the popular standard differential
logic families and LVDS technology.
2. INTRODUCTION.
LVDS signals are differential signal technologies with a swing of 250 to 400mV and a DC offset of 1.2V.
They are used today to interface between CMOS and BICMOS ASICs supplied with 3.3V or cell. LVDS,
LVPECL, PECL and ECL are all differential technologies but with different swings and offsets (see figure
1).
Figure 1: Voltage Levels
This application note will show the possible interface between the LVDS device and the other differential
signal levels listed above. It will also give suggestions on how to interface supplied positive and negative
devices.
Due to its speed capability, the application board requires a proper technical high speed layout,
otherwise the system performance will be reduced.
As a general guideline to get better performance from the PCB, the transmission striplines should be
adapted as specified:
- The input line must be routed away from the output lines or separated from the larger swings;
- the lines must be as short as possible;
- the termination line resistors must be the nearest to the receiver;
- the use of surface mount components are recommended.
PECL
LVPECL
ECL
LVDS
February 2001
1/9
AN1318
APPLICATION NOTE
INTERFACING BETWEEN LVDS AND HIGH
SPEED DIFFERENTIAL LOGIC FAMILIES
G. Noviello


Similar Part No. - AN1318

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN131 SILABS-AN131 Datasheet
1Mb / 16P
The C8051F12x series is pin compatible
logo
STMicroelectronics
AN1313 STMICROELECTRONICS-AN1313 Datasheet
273Kb / 16P
Porting an application from the ST10F168 to the ST10F269
Sep-2013
AN1317 STMICROELECTRONICS-AN1317 Datasheet
390Kb / 23P
NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
Jan-2001
More results

Similar Description - AN1318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75492A TI-SN75492A Datasheet
230Kb / 8P
QUAD SEGMENT DRIVER AND HEX DIGIT DRIVER FOR INTERFACING BETWEEN MOS AND LIGHT EMITTING-DIODE (LED) DISPLAYS
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lattice Semiconductor
ISPGDX2 LATTICE-ISPGDX2 Datasheet
546Kb / 72P
High Performance Interfacing and Switching
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
Interfacing Between PECL and LVDS Differential Technologies
logo
MERITEK ELECTRONICS COR...
RWSF MERITEK-RWSF Datasheet
85Kb / 1P
Between Terminals and Case
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
CAN Interfacing
logo
E&E Magnetic Products L...
834-00032F EEMAGNETIC-834-00032F Datasheet
115Kb / 2P
High Isolation between Gate and Drive
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
Asynchronous clock Interfacing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com