Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 7 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN1318 - APPLICATION NOTE
7/9
Note: In the board layout both parallel resistor terminations should be located as close as possible to the
coupling capacitors.
10. INTERFACING LVDS TO ECL.
Figure 10: Interfacing LVDS to ECL
DC voltage can be generated with a resistor divider depending on the VCC value.
Examples: VCC=GND and VEE=-5V => R1=1.2kOhm and R2=3.4kOhm
VCC=GND and VEE=-3.3V => R1=680Ohm and R2=1kOhm
Note: In the board layout for both interfaces the resistors and capacitors should be located as close as
possible to the ECL input.
11. CAPACITIVE COUPLING LVDS TO ECL.
Several ECL devices supply a VBB (VBB~VCC-1.3V) reference voltage. It can be used for differential
capacitive coupling.
The 100kOhm gives stable determined output states during null signal conditions.
Figure 11: Capacitive Coupling LVDS to ECL Using VBB
LVDS
3.3V
ECL
R1
R2
R2
10 pF
10 pF
R1
Z = 50
Ω
Z = 50
Ω
100
Ω
VCC
VEE
LVDS
ECL
VCC
Z=50
Ω
Z=50
Ω
100
Ω
10pF
10pF
1k
Ω
1k
Ω
20k
Ω to 100kΩ
VBB
10nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com