Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN1318 - APPLICATION NOTE
3/9
3.3 PECL.
The positive supply voltage of this family is a remedy to the disadvantages of the negative supply voltage
of ECL technology. The PECL technology works at 5V ±5%, while for low voltage applications the
LVPECL should be used, which has a 3.3V supply.
Figure 4: PECL Output Configuration
4. LVDS FAMILY SPECIFICATIONS.
Table 1: LVDS driver DC characteristics (Driver cells are terminated with 100Ohm built-in)
Table 2: LVDS receiver DC characteristics (Receiver cells must be adapted with an external
100Ohm)
Symbol
Parameter
Minimum
Maximum
|Vod|
Output diff voltage
250mV
450mV
|Vos|
Output offset
1125mV
1375mV
∆ |Vod|
Change in l Vod l
between 0 and 1
50mV
∆ |Vos|
Change in Vos
between 0 and 1
50mV
|Isa / Isb|
Output current drivers
shorted to GND
24mA
|Isab|
Output current drivers
shorted together
12mA
Ixa / Ixb
Power off output
leakage Vcc=0V
1
µA
Symbol
Parameter
Minimum
Maximum
Vi
Input voltage range
V iA or V iB
0V
2.4V
Vidth
Input differential threshold
-0.100V
0.100V
Vhyst
Input differential hysteresis
0.025V
Z = 50
Ω and R = 220 Ω R = 100 Ω
Z
Z
R2
LVPECL
PECL
VCC
VCC
R1
R1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com