Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AN1318 - APPLICATION NOTE
5/9
- The DC levels at the LVDS input B are located within the LVDS input common mode range
The LVDS input swing decreases depending on R2 and R3
6. INTERFACING LVDS TO LVPECL.
Direct interface is possible because of the common mode range of the LVPECL line receiver that is wide
enough to process LVDS signals. The differential input voltage range of the LVPECL line receivers are
specified wide enough to process LVDS signals.
Figure 6: LVDS to LVPECL Interfacing Diagram
7. INTERFACING PECL TO LVDS.
Figure 7: Interfacing PECL to LVDS in the Thevenin Equation
PointA
R1
() R1 R2 R3
++
()
⁄
2V
() VCC
()
⁄
=
PointB
R3
() R1 R2 R3
++
()
⁄
VIL
() VCC
()
⁄
=
pointA
Vswing
in pointB
R3
() R2 R3
+
()∗
⁄
=
Vswing in
Vih
2.0V
<
and
Vil
0V
>
3.3V
3.3V
LVDS
LVPECL
Z = 50
Ω
Z = 50
Ω
R 100
Ω
VCC = 5V
3.3V
R1
R1
R2
R2
R3
R3
PECL
LVDS
Z
Z
A
A
B
B
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com