Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1318 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1318
Description  INTERFACING BETWEEN LVDS AND HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1318 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1318 Datasheet HTML 1Page - STMicroelectronics AN1318 Datasheet HTML 2Page - STMicroelectronics AN1318 Datasheet HTML 3Page - STMicroelectronics AN1318 Datasheet HTML 4Page - STMicroelectronics AN1318 Datasheet HTML 5Page - STMicroelectronics AN1318 Datasheet HTML 6Page - STMicroelectronics AN1318 Datasheet HTML 7Page - STMicroelectronics AN1318 Datasheet HTML 8Page - STMicroelectronics AN1318 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AN1318 - APPLICATION NOTE
2/9
3. OVERVIEW OF FAMILIES.
3.1 LVDS.
LVDS outputs always require a 100Ohm load between the differential output because they work like a
100Ohm current source of 3.2mA. This load also terminates the 50Ohm controlled impedance line.
LVDS technology is not dependent on a specific power supply, meaning that there is an easy migration
path to lower supply voltages, such as 3.3V or even 2.5V, while still maintaining the same performance.
Figure 2: LVDS Output Configuration
3.2 ECL.
This is the first differential high speed logic family ever introduced and one of today’s fastest digital
logics. However, the drawback of this technology is the negative voltage needed in relation to the actual
supply voltage commonly used. ECL outputs are open emitter outputs, requiring a DC path with a more
negative supply than VOL.
Figure 3: ECL Output Configuration
Z=50
Ω
Z=50
Ω
R=100
Ω
LVDS
LVDS
VCC
Zo
Zo
R3
ECL
ECL
VEE
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com