Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 19Page - STMicroelectronics UM1545 Datasheet HTML 20Page - STMicroelectronics UM1545 Datasheet HTML 21Page - STMicroelectronics UM1545 Datasheet HTML 22Page - STMicroelectronics UM1545 Datasheet HTML 23Page - STMicroelectronics UM1545 Datasheet HTML 24Page - STMicroelectronics UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics UM1545 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
23/64
2.5
Equalizer Editor
Figure 20.
Equalizer Editor tab
The Equalizer Editor tab offers the possibility to design different types of filters and to
compute and download into the device the relevant coefficients either by defining their
graphs or their qualitative parameters. The supported filters are (see Appendix A: Types of
filters supported):
●
Peak
●
High-pass
●
Low-pass
●
High-shelf
●
Low-shelf
The upper part of the tab is occupied by the graphical editor and by the design tools
(Figure 21). To design a filter by defining its graph, follow the steps described below:
1.
Select the kind of filter to be designed by pressing the button on the right side of the
graph. It is also possible to select which biquadratic filter of the DUT to write in
(Figure 21, highlighted in red).
2.
After selecting the filter type, a default graph will be plotted. A red dot indicates the filter
handler (Figure 21). Move the mouse over this point, left click with the mouse and keep
pressed. While doing so, move the mouse pointer around the graph to modify the filter
drawing as needed. Release the left button of the mouse when the filter fits the
requirements. The filter handler may vary according to the filter type. In Figure 21 a
low-pass filter has been selected. For this kind of filter a red vertical line is used to
clearly identify the frequency whose gain is -3 dB (i.e. the cutoff frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com