Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 31Page - STMicroelectronics UM1545 Datasheet HTML 32Page - STMicroelectronics UM1545 Datasheet HTML 33Page - STMicroelectronics UM1545 Datasheet HTML 34Page - STMicroelectronics UM1545 Datasheet HTML 35Page - STMicroelectronics UM1545 Datasheet HTML 36Page - STMicroelectronics UM1545 Datasheet HTML 37Page - STMicroelectronics UM1545 Datasheet HTML 38Page - STMicroelectronics UM1545 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
35/64
response. If this goal cannot be achieved, the import option will apply the best gains to
minimize the gain mismatch between the desired overall frequency response and the
actual response.
●
Enable auto-scaler (manual gain adjustment): the user is given the choice of the
attenuation to apply. The resulting global frequency response envelope will be
preserved, although attenuated by the selected gain. Under these circumstances the
attenuation might be compensated using the volume controls.
●
Disable auto-scaler (skip invalid filters, if any): the scaling procedure is disabled and the
filters that cannot be applied are skipped. The overall frequency response will differ
from the desired response.
Figure 35.
Filter import options
Once the scaling options are set, the filters are imported by pressing the Import filter button.
Before downloading any information into the device, the APW also performs a stability check
to prevent the user from applying unstable filters, thus causing dangerous and unpredictable
behaviors. At the end of the procedure a message will give the user the number of applied
coefficients. Invalid filter (whether instable or out of range) coefficients are skipped, each
time this happens a warning message appears. For further information about the import
process please refer to Appendix D: Filter import wizard.
2.9
Exporting filter coefficients
Filter coefficients can be imported but they can also be exported. The APW offers two export
formats:
●
C/C++ arrays format (.c file)
●
Matlab® arrays format (.m file)
The first format is very useful for MCU programming, while the second one might be used
for in-depth filter analysis. Left click on the File menu to enable these features (Figure 36).
Figure 36.
Exporting coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com