Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 37Page - STMicroelectronics UM1545 Datasheet HTML 38Page - STMicroelectronics UM1545 Datasheet HTML 39Page - STMicroelectronics UM1545 Datasheet HTML 40Page - STMicroelectronics UM1545 Datasheet HTML 41Page - STMicroelectronics UM1545 Datasheet HTML 42Page - STMicroelectronics UM1545 Datasheet HTML 43Page - STMicroelectronics UM1545 Datasheet HTML 44Page - STMicroelectronics UM1545 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
UM1545
F.A.Q.s
Doc ID 023225 Rev 1
41/64
Q: "I'm not comfortable with hexadecimal notation when editing the coefficient values in the
control panel. Can I use the floating point one?"
A: Of course: uncheck Show Values in Hexadecimal in the preference window and
you'll be able to enter the values in decimal notation. Please be aware that the floating
point notation implies a long number of significant decimal digits that cannot be
displayed all at once. As a result some digits might be hidden from view but can be
easily displayed by highlighting the whole number with the mouse. Please remember
that the coefficients range is from -1 to 1.
Q: "The reset pulse length applied by default using the RESET command in the script does
not fit my needs. Can I set a different value?"
A: "There's no direct way to change the reset pulse length in a script. However, the
reset procedure can be manually executed using the SET_RST command to move the
reset line. Just use the following syntax:
The reset pulse will now last 200 milliseconds. This value can be changed as needed.
Q: "I want to add a note in the log to mark a section of interest for my work. How do I do
that?"
A: Follow this procedure:
1. Press the Add Note button in the Log Viewer window.
2. Write the note and press enter. The note will be immediately displayed.
4.2
Problems
Q: "The device does not respond to the APW controls"
A: The possible causes are:
a. The device might be in standby.
b. The device may need to be initialized.
c. The Auto Apply option is unchecked.
Q: "I do not get any I2C failure message, but I keep reading 00h or FFh. What's wrong?"
A: The possible causes are:
a. The interface board is not properly connected to the ST Sound Terminal® device
board.
b. The interface board is not correctly powered.
Q: "I'm importing a LinearX LEAP© generated file but the import procedure always skips a
filter. What's wrong?"
A: The possible causes are:
a. The Disable auto-scaler option is selected and one of the coefficients is out of
range.
b. One filter might be unstable and to avoid dangerous effects it is not applied to
the device.
SET_RST 0
# set RESET line at 0 (low_level)
P 200
# pause 200 ms
SET_RST 1
# set RESET line at 1 (high level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com