Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 33Page - STMicroelectronics UM1545 Datasheet HTML 34Page - STMicroelectronics UM1545 Datasheet HTML 35Page - STMicroelectronics UM1545 Datasheet HTML 36Page - STMicroelectronics UM1545 Datasheet HTML 37Page - STMicroelectronics UM1545 Datasheet HTML 38Page - STMicroelectronics UM1545 Datasheet HTML 39Page - STMicroelectronics UM1545 Datasheet HTML 40Page - STMicroelectronics UM1545 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
37/64
2.10
Miscellaneous controls
Figure 39.
Miscellaneous controls
On the right side of the window some miscellaneous controls can be found (Figure 39). The
Device Controls frame (highlighted in red) groups the following functions:
●
Device power-up: controls the device standby. This control physically handles the
device standby pin.
●
Reset: controls the reset of the device. This control physically handles the device reset
pin (thus it forces the reset). It also writes the device default values into the local bank
as described in the datasheet. It performs the same operations performed by the
RESET token in the script (50 milliseconds reset pulse).
●
Initialize: applies the minimum group of settings to bring the device to an operational
status (these settings may vary from product to product).
●
Bridge power-up: controls the power-up of the bridge.
Below these controls is located the Configuration frame (highlighted in blue). The APW,
indeed offers the possibility of saving or loading a device configuration in order to avoid
repeating long setup procedures. According to the definition given in the Introduction, the
device configuration will comprise the registers bank, the coefficients bank and the filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com