Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 42Page - STMicroelectronics UM1545 Datasheet HTML 43Page - STMicroelectronics UM1545 Datasheet HTML 44Page - STMicroelectronics UM1545 Datasheet HTML 45Page - STMicroelectronics UM1545 Datasheet HTML 46Page - STMicroelectronics UM1545 Datasheet HTML 47Page - STMicroelectronics UM1545 Datasheet HTML 48Page - STMicroelectronics UM1545 Datasheet HTML 49Page - STMicroelectronics UM1545 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Audio processor configuration file
UM1545
46/64
Doc ID 023225 Rev 1
Appendix B
Audio processor configuration file
The following example of a device configuration file has extension .apc. Moving along the
text, the registers bank, the coefficients bank and the filters bank, that together comprise the
device configuration as described in the introduction of Section 2.1: IntroductionSection 2:
APW walkthrough, can be easily identified.
#####################################################
# Date:
Wednesday, 12/November/'08
# Interface: Simulation (NONE)
# Product: STA339BWS
#####################################################
################### FFX registers ###################
Reg[00h] = 63h ## Configuration Register A
Reg[01h] = 80h ## Configuration Register B
Reg[02h] = 97h ## Configuration Register C
Reg[03h] = 40h ## Configuration Register D
Reg[04h] = C2h ## Configuration Register E
Reg[05h] = 5Ch ## Configuration Register F
Reg[06h] = 10h ## Master Mute
Reg[07h] = FFh ## Master Volume
Reg[08h] = 60h ## Channel 1 Volume
Reg[09h] = 60h ## Channel 2 Volume
Reg[0Ah] = 60h ## Channel 3 Volume
Reg[0Bh] = 80h ## Audio Preset Register 1
Reg[0Ch] = 00h ## Audio Preset Register 2
Reg[0Dh] = 00h ## Reserved
Reg[0Eh] = 00h ## Channel 1 Config
Reg[0Fh] = 40h ## Channel 2 Config
Reg[10h] = 80h ## Channel 3 Config
Reg[11h] = 77h ## Bass and Treble Tone Control
Reg[12h] = 6Ah ## Limiter 1 Attack/Release Rate
Reg[13h] = 69h ## Limiter 1 Attack/Release Threshold
Reg[14h] = 6Ah ## Limiter 2 Attack/Release Rate
Reg[15h] = 69h ## Limiter 2 Attack/Release Threshold
Reg[16h] = 00h ## Coefficient Address Bits 5..0
Reg[17h] = 00h ## Coefficient b1 Data Bits 23..16
Reg[18h] = 00h ## Coefficient b1 Data Bits 15..8
Reg[19h] = 00h ## Coefficient b1 Data Bits 7..0
Reg[1Ah] = 00h ## Coefficient b2 Data Bits 23..16
Reg[1Bh] = 00h ## Coefficient b2 Data Bits 15..8
Reg[1Ch] = 00h ## Coefficient b2 Data Bits 7..0
Reg[1Dh] = 00h ## Coefficient a1 Data Bits 23..16
Reg[1Eh] = 00h ## Coefficient a1 Data Bits 15..8
Reg[1Fh] = 00h ## Coefficient a1 Data Bits 7..0
Reg[20h] = 00h ## Coefficient a2 Data Bits 23..16
Reg[21h] = 00h ## Coefficient a2 Data Bits 15..8
Reg[22h] = 00h ## Coefficient a2 Data Bits 7..0
Reg[23h] = 00h ## Coefficient b0 Data Bits 23..16
Reg[24h] = 00h ## Coefficient b0 Data Bits 15..8
Reg[25h] = 00h ## Coefficient b0 Data Bits 7..0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com