Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 24Page - STMicroelectronics UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics UM1545 Datasheet HTML 27Page - STMicroelectronics UM1545 Datasheet HTML 28Page - STMicroelectronics UM1545 Datasheet HTML 29Page - STMicroelectronics UM1545 Datasheet HTML 30Page - STMicroelectronics UM1545 Datasheet HTML 31Page - STMicroelectronics UM1545 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
APW walkthrough
UM1545
28/64
Doc ID 023225 Rev 1
At the end the left lower side of the Equalizer Editor tab groups the filter apply option. The
user, through the Enable Auto-Apply option, can choose whether to automatically apply a
filter or not. In this latter case to transfer the filter (or filters) set up for the device, the Apply
button has to be used. Please be aware that this button bypasses the Auto Apply option.
The figure below shows the global frequency response of the selected channel (yellow line)
overlapped by the graphs of the two filters (green lines) contributing to it.
Figure 26.
Equalizer Editor tab, miscellaneous options
The last options available in this tab can be selected using the mouse controls on the graph
area:
●
By right clicking with the mouse on the graph area, a menu will pop-up (Figure 26):
–
Add/Delete PEQ Point: a shortcut to add/delete a peak filter in the point selected
with the mouse.
–
Set Ranges: allows setting the ranges shown in the graph.
–
Show Coordinates Info: when this option is enabled, the coordinates of the point of
the graph on which the mouse is located, will pop up.
–
Show fixed-point plot: by default (option) the APW plots the filter’s frequency
response using a floating point notation. Use this option to generate the plots
using the 24-bit fixed point notation as used by the Sound Terminal® products.
–
Show PEQ Curves: the Equalizer Editor shows by default the whole frequency
response of the selected processing channel. Since, as stated before, this curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com