Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1545 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics UM1545 Datasheet HTML 27Page - STMicroelectronics UM1545 Datasheet HTML 28Page - STMicroelectronics UM1545 Datasheet HTML 29Page - STMicroelectronics UM1545 Datasheet HTML 30Page - STMicroelectronics UM1545 Datasheet HTML 31Page - STMicroelectronics UM1545 Datasheet HTML 32Page - STMicroelectronics UM1545 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
29/64
might be the sum of the contribution of two or more filters, this option forces the
APW to plot also the graph of each single filter (Figure 26).
–
Zoom Out: resets the zoom setup to the default.
–
Copy To Clipboard: copies the graph to the clipboard.
–
Show Usage: displays a short explanation about the usage of the Equalizer Editor.
●
Moving the mouse wheel on a filter handler will increase or decrease its Q.
●
Moving the wheel on any other point of the graph will vary the zoom.
Please note that the Sound Terminal® products support different processing sampling
frequencies and obviously this frequency is a key factor when plotting the filter graphs or
computing the coefficients. The APW is able to take into account this parameter, thus
plotting the correct frequency response. Depending on the selected device, this is
performed either automatically or by setting manually the sampling frequency. In any case,
the frequency in use is shown in the APW status bar.
2.6
Scripts
Another powerful tool offered by the APW is the capability of writing and running a script.
To run a script select from the APW File menu and left click on Run Script as shown in
Figure 27.
Figure 27.
Running a script
The Run again last script option allows using the last selected script, thus avoiding having to
specify its location every time. For an example of a script, please refer to the file
SampleScript.aps delivered together with the APWorkbench installation package or go to
Appendix C: Script file. Hereafter is a brief description of the syntax and of the functionalities
for each token available:
RESET
Resets the device reset pulse to last 50 msec. It also sets the I2C registers and the
coefficients to their default values (in the local banks).
SET_RST <l_state>
Sets the physical reset line to the logic state l_state. This command together with the P
command allows having reset pulses longer than the default value applied with the RESET
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com