Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 12Page - STMicroelectronics L6206 Datasheet HTML 13Page - STMicroelectronics L6206 Datasheet HTML 14Page - STMicroelectronics L6206 Datasheet HTML 15Page - STMicroelectronics L6206 Datasheet HTML 16Page - STMicroelectronics L6206 Datasheet HTML 17Page - STMicroelectronics L6206 Datasheet HTML 18Page - STMicroelectronics L6206 Datasheet HTML 19Page - STMicroelectronics L6206 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
AN1762 APPLICATION NOTE
16/53
be bigger than tRCRISE for allowing a good current regulation by the PWM stage. Furthermore, the on time tON
can not be smaller than the minimum on time tON(MIN).
tRCRISE = 600 · COFF
3.11.1 Off-time Selection and minimum on-time (L6207 ONLY)
Figure 16 also shows the lower limit for the on time tON for having a good PWM current regulation capacity. It
has to be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be
smaller than tRCRISE - tDT. In this last case the device continues to work but the off time tOFF is not more con-
stant.
So, small COFF value gives more flexibility for the applications (allows smaller on time and, therefore, higher
switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit
performance.
Figure 16. Off-time selection and minimum on-time (L6207 ONLY).
t
ON
t
ON MIN
()
>1.5
µs (typ. value)
=
t
ON
t
RCRISE
t
DT
–
>
0.1
1
10
100
1
10
100
1 . 10
3
1 . 10
4
Coff [nF]
0.1
1
10
100
1
10
100
Coff [nF]
R = 20 k
Ω
R = 47 k
Ω
R = 100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com