Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 32Page - STMicroelectronics L6206 Datasheet HTML 33Page - STMicroelectronics L6206 Datasheet HTML 34Page - STMicroelectronics L6206 Datasheet HTML 35Page - STMicroelectronics L6206 Datasheet HTML 36Page - STMicroelectronics L6206 Datasheet HTML 37Page - STMicroelectronics L6206 Datasheet HTML 38Page - STMicroelectronics L6206 Datasheet HTML 39Page - STMicroelectronics L6206 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
AN1762 APPLICATION NOTE
36/53
Figure 38. EVAL6205N Electrical schematic.
PullUp
PullU p
+5V
PullUp
3
2
PullUp
1
PullUp
+5V
4
PullUp
VCCREF
PullUp
GND
R19
C9
CN3
D2
C4
C12
JP4
JP2
D3
CN1
R1
JP3
R4
D1
CN4
C6
R5
U2
L6506Dip
In1
5
In2
6
In3
7
In4
8
Out1
14
Out2
13
Out3
12
Out4
11
EN
4
Vsense2
15
Vref 2
17
Vsense1
10
R/C
1
Vref 1
16
Sy nc
3
Osc_Out
2
R6
JP1
2
JP5
CN 2
R14
R13
C1
C2
R3
R20
CN 5
C11
R22
R23
C13
R17
R16
R2
C5
C8
C10
R18
R21
C7
R15
R9
R10
R7
C3
R11
U1
L6205
SENSEA
3
GND
5
GND
6
SENSEB
8
VBOOT
12
VSB
14
GND
16
GND
15
VSA
17
VCP
19
R8
R12
IN1
_2
ENA
LIMIT_A
_4
_1
IN3
_3
LIMIT_B
VREF_A
_2
SENSE_A
SENSE_B
VREF_B
IN4
SENSE_A
SENSE_B
_1
ENB
_4
_3
IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com