Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 25Page - STMicroelectronics L6206 Datasheet HTML 26Page - STMicroelectronics L6206 Datasheet HTML 27Page - STMicroelectronics L6206 Datasheet HTML 28Page - STMicroelectronics L6206 Datasheet HTML 29Page - STMicroelectronics L6206 Datasheet HTML 30Page - STMicroelectronics L6206 Datasheet HTML 31Page - STMicroelectronics L6206 Datasheet HTML 32Page - STMicroelectronics L6206 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29/53
AN1762 APPLICATION NOTE
Figure 30. Definition of parameters for the three different sequences. The current in only one phase
is shown.
Figure 31. Input Data.
T
r
T
f
T
load
∆∆∆∆I
I
pk
I
t
T
I
load
NORMAL
T
r
T
f
T
load
∆∆∆∆I
I
pk
I
t
T/2
I
load
WAVE
T
r
T
f
T
load
∆∆∆∆I
I
pk
I
t
T
I
load
HALF STEP
Input Data
Maximum Drain-Source ON Resistance
Ron
=
5.60E-01
[Ohm]
Average Value between High-Side and Low-Side
Maximum diode voltage
Vd
=
1.20E+00
[V]
Quiescent Current
Iq
=
5.50E-03
[mA]
Maximum BEMF Voltage
Vb
=
1.50E+01
[V]
Motor Inductance
Lm
=
7.90E-03
[H]
Motor Resistance
Rm
=
6.60E+00
[Ohm]
Supply Voltage
Vs
=
2.40E+01
[V]
Peak Current
Ipk
=
1.00E+00
[A]
Off-Time
tOFF
=
1.50E-05
[s]
Step Frequency
fCK
=
1.00E+03
[Hz]
Sensing Resistance
Rs
=
5.00E-01
[Ohm]
Decay Type
-
"SLOW" = Synchronous Slow Decay
"FAST" = Quasi-Synchronous Fast decay
Stepping sequence
-
"NORMAL", "HALF" or "WAVE"
SLOW
WAVE
Device Input Values
Motor Input Values
Application Input Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com