Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 41Page - STMicroelectronics L6206 Datasheet HTML 42Page - STMicroelectronics L6206 Datasheet HTML 43Page - STMicroelectronics L6206 Datasheet HTML 44Page - STMicroelectronics L6206 Datasheet HTML 45Page - STMicroelectronics L6206 Datasheet HTML 46Page - STMicroelectronics L6206 Datasheet HTML 47Page - STMicroelectronics L6206 Datasheet HTML 48Page - STMicroelectronics L6206 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
45/53
AN1762 APPLICATION NOTE
case the current that can be drawn form the board depends on the supply voltage and on R1 value.
Figure 49 to Figure 51 show the component placement and the two layers layout of the L6206PD Evaluation
Board. A large GND area has been used, to guarantee minimal noise and good power dissipation for the device.
Figure 47. EVAL6206PD.
5.4.1 Important Notes
JP1 : close in INT position for use with PractiSPIN ST7 board
C6, C7 : recommended change to 5.6 nF for safe Overcurrent protection
R2, R3 : recommended change to 100 k for safe Overcurrent protection
R4, R5 : recommended change to 100 k if EN pins are driven from the CN5 connector (for example with Prac-
tiSPIN ST7 board) for safe Overcurrent protection
R16, R22 : set the maximum current obtainable through PractiSPIN (see PractiSPIN documentation)
R1 : recommended change to adequate value (depending on supply voltage) to obtain 5V across D2
JP2, JP3 : close to allow Overcurrent protection
JP4, JP5 : close for on-board OCD threshold adjusting through R6, R7
CN5
: VrefA and VrefB positions are inverted if compared to other EVAL62XX boards.
JP1
C7
C6
R3
R2
R5
R4
R16
R22
R1
JP4
JP5
JP2
JP3
CN5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com