Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 37Page - STMicroelectronics L6206 Datasheet HTML 38Page - STMicroelectronics L6206 Datasheet HTML 39Page - STMicroelectronics L6206 Datasheet HTML 40Page - STMicroelectronics L6206 Datasheet HTML 41Page - STMicroelectronics L6206 Datasheet HTML 42Page - STMicroelectronics L6206 Datasheet HTML 43Page - STMicroelectronics L6206 Datasheet HTML 44Page - STMicroelectronics L6206 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
41/53
AN1762 APPLICATION NOTE
Figure 43. EVAL6206N Electrical schematic.
PullUp
3
PullUp
VCCREF
PullUp
2
PullUp
GND
4
+5V
1
+5V
PullUp
PullUp
PullUp
JP6
C2
R19
R5
JP1
2
R20
R15
CN1
R4
R26
JP2
R17
C15
R18
CN2
R22
U2
L6506Dip
In1
5
In2
6
In3
7
In4
8
Out1
14
Out2
13
Out3
12
Out4
11
EN
4
Vsense2
15
Vref 2
17
Vsense1
10
R/C
1
Vref 1
16
Sy nc
3
Osc_Out
2
D1
CN5
C6
C4
C1
C7
R24
R27
R8
R1
R16
R21
R23
D2
R9
CN4
C10
R2
C11
C9
R28
C13
R7
R29
C12
C8
R25
C14
JP7
CN3
D3
C5
R6
R3
JP3
JP5
U1
L6206
SENSEA
3
PROGCLA
24
GND
6
GND
7
PROGCLB
13
SENSEB
10
OCDB
9
VBOOT
15
VSB
17
GND
18
GND
19
VSA
20
VCP
22
OCDA
4
R12
R14
R10
C3
JP4
R13
R11
_4
SENSE_B
_4
IN2
_1
ENA
SENSE_A
SENSE_B
_3
IN4
SENSE_A
VREF_A
ENB
_3
PROGCLA
IN3
OCDA
_1
_2
_2
IN1
PROGCLB
VREF_B
OCDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com