Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 23Page - STMicroelectronics L6206 Datasheet HTML 24Page - STMicroelectronics L6206 Datasheet HTML 25Page - STMicroelectronics L6206 Datasheet HTML 26Page - STMicroelectronics L6206 Datasheet HTML 27Page - STMicroelectronics L6206 Datasheet HTML 28Page - STMicroelectronics L6206 Datasheet HTML 29Page - STMicroelectronics L6206 Datasheet HTML 30Page - STMicroelectronics L6206 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
27/53
AN1762 APPLICATION NOTE
3.15 Power Management
Even when operating at current levels well below the maximum ratings of the device, the operating junction tem-
perature must be kept below 125 °C.
Figure 28 shows the IC dissipated power versus the r.m.s. load current, in the case of a single IC driving two
loads (for instance 2 DC motors or a two-phase stepper motor) or a single IC, with two full bridges paralleled
(see
Paralleling two Full Bridges section) driving one load (for instance 1 DC motor or one phase of a two-
phase stepper motor) and assuming the supply voltage is 24V.
Figure 28. IC Dissipated Power versus Output Current.
3.15.1 Maximum output current vs. selectable devices
Figure 29 reports a performance comparison between different devices of the PowerSPIN family, for different
packages and in paralleled configuration, with the following assumptions:
- Each equivalent full bridge drives a load.
- Supply voltage: 24 V; Switching frequency: 30 kHz.
- Tamb = 25 °C, TJ = 125 °C.
- Maximum RDS(ON) (taking into account process spread) has been considered, @ 125 °C.
- Maximum quiescent current IQ (taking into account process spread) has been considered.
- PCB is a FR4 with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm) for
SO and PowerDIP packages (D, N suffixes).
- PCB is a FR4 with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm), 16
via holes and a ground layer for the PowerSO package (PD suffix).
- For each device configuration (on the x axis) y axis reports the maximum output (load) current.
- 2 x ’device’ means that the two loads are driven by two equivalent full bridges obtained paralleling two full bridg-
es for each of the two IC used. The current reported in Figure 29 is the maximum output current an equivalent
full bridge (a paralleled IC).
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
IOUT [A]
PD [W]
fSW = 30 kHz (synch. slow decay)
No PWM
2 Full Bridges Paralleled
2 Full Bridges
driving one load
driving two loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com