Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 31Page - STMicroelectronics L6206 Datasheet HTML 32Page - STMicroelectronics L6206 Datasheet HTML 33Page - STMicroelectronics L6206 Datasheet HTML 34Page - STMicroelectronics L6206 Datasheet HTML 35Page - STMicroelectronics L6206 Datasheet HTML 36Page - STMicroelectronics L6206 Datasheet HTML 37Page - STMicroelectronics L6206 Datasheet HTML 38Page - STMicroelectronics L6206 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
35/53
AN1762 APPLICATION NOTE
Running the evaluation board in stand-alone mode, instead, R17 and R21 set the reference voltage separately
for the two bridges, while R16, C9 and R20, C12 are low-pass filters to provide an external reference voltage
by a PWM output of a µC (see also the Microstepping section). Using external VREF inputs R15, R17, R19, R21
can be disconnected through JP4 and JP5, unless the PractiSPIN ST7 evaluation board is used. This board, in
fact, is provided with an offset cancellation circuitry trimmable through a potentiometer (see PractiSPIN docu-
mentation).
Closing JP2 and JP3 is recommended for safe Over Current Protection.
The 5V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R2, D3. Depending on the
supply voltage, the value of resistor R2 should be changed in order to ensure a correct biasing of D3.
The jumper JP1 allows choosing the 5V voltage from the internal zener diode network or pin 11 of CN5 (for ex-
ample an external µC board can provide 5V to the evaluation board). Also CN2 connector can be used to pro-
vide an external 5V voltage to the board (in that case R2, D3 should be disconnected). CN2, or pin 1 of CN5,
can also be used to provide a 5V voltage to external circuits (as, for example, the PractiSPIN ST7 board). In this
case the current that can be drawn form the board depends on the supply voltage and on R2 value.
Figure 39 to Figure 41 show the component placement and the two layers layout of the L6205N Evaluation
Board. A large GND area has been used, to guarantee minimal noise and good power dissipation for the device.
Figure 37. EVAL6205N.
5.2.1 Important Notes
JP1 : close in INT position for use with PractiSPIN ST7 board
C6, C7 : recommended change to 5.6 nF for safe Overcurrent protection
R3, R4 : recommended change to 100 k for safe Overcurrent protection
R5, R6 : recommended change to 100 k if EN pins are driven from the CN5 connector (for example with Prac-
tiSPIN ST7 board) for safe Overcurrent protection
R17, R21 : set the maximum current obtainable through PractiSPIN (see PractiSPIN documentation)
R2 : recommended change to adequate value (depending on supply voltage) to obtain 5V across D3
JP2, JP3 : close for safe Overcurrent protection
JP4, JP5 : close for use with PractiSPIN ST7 board
JP1
C6
C7
R3
R4 R6
R5
R17
R21
JP2
JP3
JP4
JP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com