Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 17Page - STMicroelectronics AN2208 Datasheet HTML 18Page - STMicroelectronics AN2208 Datasheet HTML 19Page - STMicroelectronics AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics AN2208 Datasheet HTML 23Page - STMicroelectronics AN2208 Datasheet HTML 24Page - STMicroelectronics AN2208 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
AN2208
5 Thermal stress tests
21/51
If the PSO36 is on FR4, RthCA = 50°C/W
tOFF = 1.6 ms << 48 ms (constant time of the PSO36)
TC = TA + Pmean* RthCA
TC = 60°C +34 °C = 94°C
TJMax during tOFF = 94 + (1.1 + (1.9/4))*52 = 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com