Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 24Page - STMicroelectronics AN2208 Datasheet HTML 25Page - STMicroelectronics AN2208 Datasheet HTML 26Page - STMicroelectronics AN2208 Datasheet HTML 27Page - STMicroelectronics AN2208 Datasheet HTML 28Page - STMicroelectronics AN2208 Datasheet HTML 29Page - STMicroelectronics AN2208 Datasheet HTML 30Page - STMicroelectronics AN2208 Datasheet HTML 31Page - STMicroelectronics AN2208 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
6 Electromagnetic compatibility (EMC) tests
AN2208
28/51
6.6.1
Power supply tests
Figure 25 illustrates the power supply test setup. The test voltage is applied by coupling
decoupling networks CDN. The maximum voltage is 10 VRMS. The maximum distance between
EUT and CDN is 0.3 meters. All Auxiliary Units (AU) such as power supplies switching devices
must be placed on the wood isolation.
6.6.2
Input port tests
Figure 26 illustrates the input port test setup. The test voltage from the signal generator to the
EUT is applied by the current clamp. This device establishes inductive coupling to the cable
connected to the EUT. The maximum distance between the EUT and the CC is 0.3 meters. The
test is performed while the HSD input port is switched On/Off at 1Hz.
6.6.3
Output port tests
Figure 27 illustrates the output port test setup. The power supply must be protected to
disturbance signal by a decoupling network. The current clamp is used as the coupling device
Figure 25. Power supply tests (IEC 61000-4-6)
Figure 26. Input port tests (IEC 61000-4-6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com