Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 33Page - STMicroelectronics AN2208 Datasheet HTML 34Page - STMicroelectronics AN2208 Datasheet HTML 35Page - STMicroelectronics AN2208 Datasheet HTML 36Page - STMicroelectronics AN2208 Datasheet HTML 37Page - STMicroelectronics AN2208 Datasheet HTML 38Page - STMicroelectronics AN2208 Datasheet HTML 39Page - STMicroelectronics AN2208 Datasheet HTML 40Page - STMicroelectronics AN2208 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
AN2208
7 Test results
37/51
If input lines are grounded, the optocoupler will switch on during the test because the inducted
voltage is too high. This is a normal reaction and when the test finishes, the optocoupler works
normally.
Test result: The VN808 HSD worked properly during the test.
Note:
B means a temporary degradation or loss of function or performance, with an automatic return
to normal operation.
7.2
VN340SP HSD test results
7.2.1
Load switching test results
Test conditions: TAMB = 25° C, VCC = 24 V, f = 0.5 Hz
Switching loads: Lamp = 24V, 15W; Inductor L = 130 mH, RLOAD = 48Ω
Test result: The VN340SP HSD worked properly during the test.
Figure 44 to Figure 49 show the waveforms during the load switching tests.
If input is ON, the output will switch off immediately if GND_Power is disconnected. If the input
is OFF, the output remains OFF.
7.2.2
Thermal stress test results
1.
All channels shorted: fSWITCH = 0.5 Hz, VCC = 28V, duration 72 hours, TA = 25°C.
2.
All channels shorted: fSWITCH = 0.5 Hz, VCC = 28V, duration 8 hours, TA = 85°C.
3.
All channels shorted: fSWITCH = 0.5 Hz, VCC = 28V, duration 8 hours, TA = –25°C.
Test result: The VN340SP HSD worked properly during the test.
The maximum temperature with 4 channels shorted is 156°C with an ambient temperature of
25°C and 159°C with an ambient temperature of 85°C. Figure 50 and Figure 51 show behavior
during the thermal stress tests.
Table 8.
EMC test IEC 61000-4-6 conducted immunity test results (VN808 RDB)
IEC 61000-4-6
Test Condition
VN808 RDB 1/2
VN808 RDB 2/2
Power supply
Input ON
10V OK
10V OK
Input OFF
10V OK
10V OK
Switch @ 1Hz
10V OK
10V OK
Output
Input ON
10V OK
10V OK
Input OFF
10V OK
10V OK
Switch @ 1Hz
10V OK
10V OK
Input
Input ON
10V OK
10V OK
Input OFF
10V OK B
10V OK B
Switch @ 1Hz
10V OK
10V OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com