Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 42Page - STMicroelectronics AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics AN2208 Datasheet HTML 45Page - STMicroelectronics AN2208 Datasheet HTML 46Page - STMicroelectronics AN2208 Datasheet HTML 47Page - STMicroelectronics AN2208 Datasheet HTML 48Page - STMicroelectronics AN2208 Datasheet HTML 49Page - STMicroelectronics AN2208 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
7 Test results
AN2208
46/51
Appendix C L5970D DC/DC converter
C.1
Functional description
The L5970D (Figure 56) is a step-down power regulator capable of delivering output voltages
from 1.235 to 35V (up to 1A). The operating input voltage ranges from 4.4 to 36V. It is designed
in BCD5 technology and the power switching element is a P-Channel D-MOS power transistor.
An internal oscillator sets the switching frequency at 250 kHz, minimizing the LC output filter.
The L5970D is used for supplying optocouplers and other applications.
The VN808 and VN340SP reference design boards use the L5970D DC/DC Converter for the
power supplies for the data parts. With an output voltage of 6V and output current up to 1A, the
L5970D is an attractive and simple solution.
The main internal blocks are shown in Figure 56 where is reported the device block diagram.
They are:
●
A voltage regulator that supplies the internal circuitry. From this regulator a 3.3V reference
voltage is externally available.
●
A voltage monitor circuit that checks the input and internal voltages.
●
A fully integrated sawtooth oscillator whose frequency is 250 kHz ±5%, including also the
voltage feed forward function and an input/output synchronization pin.
●
Two embedded current limitations circuitries which control the current that flows through
the power switch. The Pulse by Pulse Current Limit forces the power switch OFF cycle by
cycle if the current reaches an internal threshold, while the Frequency Shifter reduces the
switching frequency in order to strongly reduce the duty cycle.
●
A transconductance error amplifier.
●
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to
drive the internal power.
●
A high-side driver for the internal P-MOS switch.
●
An inhibitor block for stand-by operation.
●
A circuit to provide the thermal protection function.
Figure 56. L5970D block diagram
INHIBIT
VOLTAGE
MONITOR
PEAK TO PEAK
CURRENT LIMIT
THERMAL
SHUTDOWN
E/A
PWM
1.235V
+
-
-
+
OSCILLATOR
D
Ck
Q
FREQUENCY
SHIFTER
TRIMMING
SUPPLY
1.235V 3.5V
DRIVER
VREF
BUFFER
LPDMOS
POWER
FB
SYNC
COMP
INH
VREF
VCC
Ai11607
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com