Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 37Page - STMicroelectronics AN2208 Datasheet HTML 38Page - STMicroelectronics AN2208 Datasheet HTML 39Page - STMicroelectronics AN2208 Datasheet HTML 40Page - STMicroelectronics AN2208 Datasheet HTML 41Page - STMicroelectronics AN2208 Datasheet HTML 42Page - STMicroelectronics AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics AN2208 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
AN2208
7 Test results
41/51
Loss of function was observed during the test on input lines, but is considered as normal
behavior because the conducted voltage was too high and optocoupler input channels were
switched.
Note:
B means a temporary degradation or loss of function or performance, with an automatic return
to normal operation.
Table 11.
EMC test IEC 61000-4-6 conducted immunity test results (VN340SP RDB)
IEC 61000-4-6
Test Condition
VN340SP RDB 1/2
VN340SP RDB 2/2
Power supply
Input ON
10V OK
10V OK
Input OFF
10V OK
10V OK
Switch @ 1Hz
10V OK
10V OK
Output of the RDB
Input ON
10V OK
10V OK
Input OFF
10V OK B
10V OK B
Switch @ 1Hz
10V OK
10V OK
Input of the RDB
Input ON
10V OK
10V OK
Input OFF
10V OK B
10V OK B
Switch @ 1Hz
10V OK
10V OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com