Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 31Page - STMicroelectronics AN2208 Datasheet HTML 32Page - STMicroelectronics AN2208 Datasheet HTML 33Page - STMicroelectronics AN2208 Datasheet HTML 34Page - STMicroelectronics AN2208 Datasheet HTML 35Page - STMicroelectronics AN2208 Datasheet HTML 36Page - STMicroelectronics AN2208 Datasheet HTML 37Page - STMicroelectronics AN2208 Datasheet HTML 38Page - STMicroelectronics AN2208 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
AN2208
7 Test results
35/51
7.1.3
EMC test results
IEC 61000-4-4 EFT test
The VN808 reference design board is tested according IEC 61000-4-4 for ±4kV level. Table 6
lists test results. Waveforms of bursts injected during the tests are shown in Figure 40 and
Figure 41.
The test lasted approximately 1 minute with ±4 kV and a repetition rate of 5 kHz. During the
tests, all channels were switched.
Test result: The VN808 HSD worked properly during the test.
IEC 61000-4-5 surge test
A coupling decoupling network with a 42
Ω impedance was used when performing the test. The
test was executed with ±2kV.
When testing power supply lines, all channels were switched. When testing the output channel,
only the tested channel was switched.
A 4.7nF 500V capacitor was placed between the power supply and the earth protection.
Table 6.
EMC test IEC 61000-4-4 EFT test results (VN808 RDB)
IEC 61000-4-4 Burst test
Test Condition
VN808 RDB 1/2
VN808 RDB 2/2
Power supply
Input ON
±4kV OK
±4kV OK
Input OFF
±4kV OK
±4kV OK
Switch @ 1Hz
±4kV OK
±4kV OK
Output
Input ON
±4kV OK
±4kV OK
Input OFF
±4kV OK
±4kV OK
Switch @ 1Hz
±4kV OK
±4kV OK
Input
Input ON
±4kV OK
±4kV OK
Input OFF
±4kV OK
±4kV OK
Figure 40. Burst applied on the power supply
Figure 41. Burst applied on the output channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com