Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2208 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 35Page - STMicroelectronics AN2208 Datasheet HTML 36Page - STMicroelectronics AN2208 Datasheet HTML 37Page - STMicroelectronics AN2208 Datasheet HTML 38Page - STMicroelectronics AN2208 Datasheet HTML 39Page - STMicroelectronics AN2208 Datasheet HTML 40Page - STMicroelectronics AN2208 Datasheet HTML 41Page - STMicroelectronics AN2208 Datasheet HTML 42Page - STMicroelectronics AN2208 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AN2208
7 Test results
39/51
Note:
The temperature measured in thermal chamber using a FLUKE 189 multimeter and thermo-
coupler.
7.2.3
EMC test results
IEC 61000-4-4 EFT test results
The VN340SP HSD is tested according IEC 61000-4-4 Level 4 (4kV). Power supply and input/
output ports are tested while all other channels are active. Table 9 lists test results.
Figure 48. Waveform switching inductive load:
VCC = 24V, L = 130mH, RLOAD = 48Ω,
f = 0.5Hz, Wave2 = VOUT, Wave3 =
VINOPT, Wave4 = ICH1OUT
Figure 49. Switching with short circuit: VCC =
24V, f = 0.5Hz, Wave2 = VSTATUSOPT,
Wave3 = VINOPT, Wave4 = ICH1OUT
Figure 50. Waveform ITOT and VSTATUSOPT
during the test with short circuit:
VCC = 28V, TA = 85°C, Wave4 = ITOT,
Wave1 = VSTATUSOPT
Figure 51. Waveform on ITOT and VSTATUSOPT
during the test with short circuit:
VCC = 28V, TA = –25°C, Wave4 = ITOT,
Wave1 = VSTATUSOPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com