Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 17Page - STMicroelectronics AN2782 Datasheet HTML 18Page - STMicroelectronics AN2782 Datasheet HTML 19Page - STMicroelectronics AN2782 Datasheet HTML 20Page - STMicroelectronics AN2782 Datasheet HTML 21Page - STMicroelectronics AN2782 Datasheet HTML 22Page - STMicroelectronics AN2782 Datasheet HTML 23Page - STMicroelectronics AN2782 Datasheet HTML 24Page - STMicroelectronics AN2782 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN2782
Designing a fixed off-time PFC
Doc ID 14763 Rev 2
21/39
voltage by an external sense resistor (Rs). As this signal crosses the threshold set by
the multiplier output, the PWM latch is reset and the power MOSFET is turned off. The
MOSFET stays in OFF-state until the PWM latch is reset by the ZCD signal. The pin is
equipped with 200 ns leading-edge blanking for improved noise immunity.
The sense resistor value (Rs) can be calculated as follows. For the 400 W PFC it is:
where:
ILpkmax is the maximum peak current in the inductor, calculated as described in (28)
Vcsmin = 1.0 V is the minimum voltage allowed on the L6562A current sense (in the
datasheet)
Because the internal current sense clamping sets the maximum current that can flow in the
inductor, the maximum peak of the inductor current is calculated considering the maximum
voltage Vcsmax allowed on the L6562A (in the datasheet):
The calculated ILpksat is the limit at which the boost inductor saturates and it is used for
calculating the inductor number of turns and air gap length.
The power dissipated in Rs is given by:
It does not exceed 1% of the rated output power (10), that is, 4 W.
According to the result, four parallel resistors of 0.47
Ω with 1 W of power rating have been
selected.
Pin 3 (MULT): The MULT pin is the second multiplier input. It is connected, through a
resistive divider, to the rectified mains to get a sinusoidal voltage reference. The
multiplier can be described by the relationship:
where:
VCS (multiplier output) is the reference for the current sense
k = 0.38 (typ) is the multiplier gain
VCOMP is the voltage on pin 2 (E/A output)
VMULT is the voltage on pin 3
(56)
(57)
(58)
(59)
max
pk
min
sx
IL
Vcs
R
<
Ω
=
<
124
.
0
A
07
.
8
V
0
.
1
R
sx
s
max
pksat
R
Vcs
IL
=
A
67
.
9
12
.
0
V
16
.
1
IL
pksat
=
Ω
=
2
rms
s
s
ISW
R
P
=
(
)
W
14
.
2
A
54
.
10
12
.
0
P
2
s
=
Ω
=
MULT
COMP
CS
V
)
V
5
.
2
V
(
k
V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com