Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 26Page - STMicroelectronics AN2782 Datasheet HTML 27Page - STMicroelectronics AN2782 Datasheet HTML 28Page - STMicroelectronics AN2782 Datasheet HTML 29Page - STMicroelectronics AN2782 Datasheet HTML 30Page - STMicroelectronics AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics AN2782 Datasheet HTML 33Page - STMicroelectronics AN2782 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
EVL6562A-400W demonstration board
AN2782
30/39
Doc ID 14763 Rev 2
6
EVL6562A-400W demonstration board
Figure 23
shows the schematic of an application board. It has been dimensioned using the
Excel tool presented in Section 5.
The board implements a power factor correction (PFC) pre-regulator delivering 400 W,
continuous power, on a regulated 400 V rail from a wide-range mains voltage and providing
for the reduction of the mains harmonics, which complies with the European norm
EN61000-3-2 or the Japanese norm JEIDA-MITI. This rail is the input for the cascaded
isolated DC-DC converter that provides the output rails required by the load.
The board has been designed to allow full-load operation in still air.
Figure 22.
EVL6562A-400W demonstration board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com