Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 27Page - STMicroelectronics AN2782 Datasheet HTML 28Page - STMicroelectronics AN2782 Datasheet HTML 29Page - STMicroelectronics AN2782 Datasheet HTML 30Page - STMicroelectronics AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics AN2782 Datasheet HTML 33Page - STMicroelectronics AN2782 Datasheet HTML 34Page - STMicroelectronics AN2782 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AN2782
EVL6562A-400W demonstration board
Doc ID 14763 Rev 2
31/39
Figure 23.
Wide-range 400 W demonstration board electrical circuit (EVL6562A-
400W)
The power stage of the PFC is a conventional boost converter, connected to the output of
the rectifier bridge D2. It includes the coil T, the diode D3 and the capacitors C6 and C7. The
boost switch is represented by the power MOSFETs Q1 and Q2. The NTC R2 limits the
inrush current at switch-on. It has been connected on the DC rail, in series to the output
electrolytic capacitor, in order to improve the efficiency during low-line operation.
Additionally, the splitting in two of output capacitors (C6 and C7) provides for managing the
AC current mainly by the film capacitor C6 so that the electrolytic can be cheaper as it has
just to bear the DC part.
At startup the L6562A is powered by the Vcc capacitor (C12) that is charged via the
resistors R3 and R4, then the T secondary winding (pins 8-11) and the charge pump circuit
(R5, C10, D5 and D4) generates the Vcc voltage powering the L6562A during the normal
operations.
The divider R32, R33 and R34 provides the L6562A multiplier with the information of the
instantaneous voltage that is used to modulate the boost current. The divider R9, R10, R11,
R12 & 13 is dedicated to sense the output. The line-modulated FOT is obtained by the
timing generator components D6, C15, R15, C16, R16, R31, Q3.
The board is equipped with an input EMI filter designed for a 2-wire input mains plug. It is
composed of two stages, a common mode Pi-filter connected at the input (C1, L1, C2, C3)
and a differential mode Pi-filter after the input bridge (C4, L3, C5). It also offers the
possibility to easily connect a downstream converter.
5
8
7
6
4
3
2
1
ZCD
CS
MULT
COMP
INV
L6562A
VCC
GD
GND
R102
0R0
+400Vout
R19
1K0
C20
330pF
L1
CM-1.5mH-5A
L3
DM-51uH-6A
C15
68pF
C16
120pF
R22
0R47-1W
R15
1k8
C11
470nF/50V
C12
100uF/50V
R16
30k
1
2
J1
Q2
STP12NM50FP
C1
470nF-X2
D6
LL4148
R20
0R47-1W
D5
BZX85-C18
R23
0R47-1W
R1
1M5
D1
1N5406
1
2
3
4
5
J2
D3
STTH8R06
F1
8A/250V
R3
100K
C21
10nF
R17
6R8
R34
10k
R18
6R8
Q3
BC857C
R33
620k
D7
LL4148
C4
470nF-630V
R32
620k
D8
LL4148
R2
NTC 2R5-S237
T
PQ40-500uH
Q1
STP12NM50FP
R4
100K
R31
3k
R21
0R47-1W
+
-
~
~
D2
D15XB60
R5
47R
C5
470nF-630V
R12
47K
R13
12k
R11
510k
R10
510k
R35
3R9
R36
3R9
R9
510k
C2
470nF
R14
47k
C3
680nF-X2
C6
470nF-630V
C14
2.2uF
C13
220nF
D4
LL4148
C7
330uF-450V
C10
22N
+400Vdc
1-2
+400Vdc
+400Vdc
5-6
811
RTN
NC
RTN
+400Vdc
90 - 265Vac
R101
0R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com