Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics AN2782 Datasheet HTML 33Page - STMicroelectronics AN2782 Datasheet HTML 34Page - STMicroelectronics AN2782 Datasheet HTML 35Page - STMicroelectronics AN2782 Datasheet HTML 36Page - STMicroelectronics AN2782 Datasheet HTML 37Page - STMicroelectronics AN2782 Datasheet HTML 38Page - STMicroelectronics AN2782 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AN2782
Reference
Doc ID 14763 Rev 2
37/39
9
Reference
1.
“A New Continuous-Time Model for Current-Mode Control with Constant Frequency,
Constant On-Time and Constant Off-Time, in CCM and DCM”, IEEE Power Electronics
Specialists Conference Record, San Antonio, Texas, pp. 382-389, 1990
2.
“Current Mode Control”, Venable Technical Paper #5, www.venableind.com
3.
“Fixed off-time Control of PFC pre-regulators”, 10th European Conference on Power
Electronics and Applications, EPE2003, Toulouse, France, paper 382
4.
“L6562A, Transition-Mode PFC Controller”, datasheet, www.st.com
5.
“Filter Inductor and Flyback Transformer Design for Switching Power Supplies”,
UNITRODE Power Supply Design Seminar Manual, 1994 (SEM-1000)
6.
“L6561, Enhanced Transition Mode Power Factor Corrector”, AN966, www.st.com
7.
“Design fixed off-time controlled PFC pre-regulators with the L6562”, AN1792
8.
“400W FOT-controlled PFC pre-regulator with the L6563”, AN2485
9.
“A systematic Approach to Frequency Compensation of the Voltage loop in boost PFC
pre-regulator”, Abstract
10. “Control loop modelling of L6561-based TM PFC”, AN1089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com