Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 28Page - STMicroelectronics AN2782 Datasheet HTML 29Page - STMicroelectronics AN2782 Datasheet HTML 30Page - STMicroelectronics AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics AN2782 Datasheet HTML 33Page - STMicroelectronics AN2782 Datasheet HTML 34Page - STMicroelectronics AN2782 Datasheet HTML 35Page - STMicroelectronics AN2782 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Test results and significant waveforms
AN2782
32/39
Doc ID 14763 Rev 2
7
Test results and significant waveforms
One of the main purposes of a PFC preconditioner is the correction of input current
distortion, decreasing the harmonic contents below the limits of the relevant regulations.
Therefore, this demonstration board has been tested according to the European standard
EN61000-3-2 Class-D and Japanese standard JEIDA-MITI Class-D, at full load at both
nominal input voltage mains.
As reported in the following Figure 24, Figure 25, Figure 26 and Figure 27 the circuit is able
to reduce the harmonics well below the limits of both regulations from full load down to light
load. Please note that all measures and waveforms have been done using a common mode
Pi-filter connected at the input (C1, L1, C2, C3) and a differential mode Pi-filter after the
input bridge for filtering the noise coming from the circuit.
Figure 24.
EVL6562A-400W compliance to
EN61000-3-2 standard at full load
Figure 25.
EVL6562A-400W compliance to
JEIDA-MITI standard at full load
0.0001
0.001
0.01
0.1
1
10
1 3
5 7
9 11 13 1517 1921 23 25 272931 3335 3739
Harmonic Order (n)
Measurements @ 230Vac Full load
EN61000-3-2 class D limits
0.0001
0.001
0.01
0.1
1
10
1 3 5
7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order (n)
Measurements @ 100Vac Full load
JEIDA-MITI class D limits
Figure 26.
EVL6562A-400W compliance to
EN61000-3-2 standard at 70 W
Figure 27.
EVL6562A-400W compliance to
JEIDA-MITI standard at 70 W
0.0001
0.001
0.01
0.1
1
1 3
5
7 9 1113 15 1719 2123 25 2729 3133 35 3739
Harmonic Order (n)
Measurements @ 230Vac 70W
EN61000-3-2 class D limits
0.0001
0.001
0.01
0.1
1
1
3 5
7
9 1113 15 171921 23 252729 313335 37 39
Harmonic Order (n)
Measurements @ 100Vac 70W
JEIDA-MITI class D limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com