Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 21Page - STMicroelectronics AN2782 Datasheet HTML 22Page - STMicroelectronics AN2782 Datasheet HTML 23Page - STMicroelectronics AN2782 Datasheet HTML 24Page - STMicroelectronics AN2782 Datasheet HTML 25Page - STMicroelectronics AN2782 Datasheet HTML 26Page - STMicroelectronics AN2782 Datasheet HTML 27Page - STMicroelectronics AN2782 Datasheet HTML 28Page - STMicroelectronics AN2782 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AN2782
Designing a fixed off-time PFC
Doc ID 14763 Rev 2
25/39
From (70) and (71), solving the following equation:
And then substituting the value of K1 into the expression in (70), the K2 parameter is
obtained:
From the values of K1 and K2 it is possible to calculate the time constant τ =(R1//R2) C
necessary to achieve the desired TOFF at 90Vac:
Now selecting a capacitor C in the hundred pF or few nF, for example C =120 pF, it is
possible to determine the required equivalent resistance value:
From (67) R and R0 are found:
(70)
(71)
(72)
(73)
(74)
(75)
(76)
[]
[]
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
−
⋅
+
⎥
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
⋅
+
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⋅
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
−
−
⋅
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
=
ρ
−
−
F
min
mult
ZCDtrigger
k
1
1
F
min
mult
ZCDclamp
1
F
min
mult
F
min
max
min
mult
ZCDtrigger
k
1
1
F
min
max
min
mult
ZCDclamp
1
F
min
max
min
mult
1
min
mult
V
V
V
ln
)
k
(
V
V
V
)
k
1
(
V
V
ln
V
VAC
VAC
V
V
ln
)
k
(
V
VAC
VAC
V
V
)
k
1
(
V
VAC
VAC
V
ln
)
k
,
V
(
1
1
[]
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
−
⋅
+
⋅
−
−
=
−
F
min
mult
ZCDtrigger
k
1
1
F
min
mult
ZCDclamp
1
F
min
mult
1
1
min
mult
2
V
V
V
ln
k
V
V
V
)
k
1
(
V
V
ln
k
1
1
)
k
,
V
(
k
1
0
)
k
,
V
(
x
1
min
mult
=
ρ
−
ρ
91
.
0
K1 =
)
k
,
V
(
k
K
1
min
mult
2
2 =
46
.
12
K2 =
2
min
OFF
K
)
VAC
(
T
=
τ
ns
7
.
336
46
.
12
s
2
.
4
=
μ
=
τ
C
Req
τ
=
Ω
=
=
k
81
.
2
pF
120
ns
7
.
336
R
eq
1
eq
K
1
R
R
−
=
Ω
=
−
Ω
=
k
5
.
31
94
.
0
1
k
81
.
2
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com