Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2782 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 24Page - STMicroelectronics AN2782 Datasheet HTML 25Page - STMicroelectronics AN2782 Datasheet HTML 26Page - STMicroelectronics AN2782 Datasheet HTML 27Page - STMicroelectronics AN2782 Datasheet HTML 28Page - STMicroelectronics AN2782 Datasheet HTML 29Page - STMicroelectronics AN2782 Datasheet HTML 30Page - STMicroelectronics AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Design example using the L6562A FOT PFC Excel spreadsheet
AN2782
28/39
Doc ID 14763 Rev 2
5
Design example using the L6562A FOT PFC Excel
spreadsheet
An Excel spreadsheet has been developed to allow a quick and easy design of a boost PFC
pre-regulator using the STM L6562A controller, operating in fixed off-time.
Figure 18
shows the first sheet already precompiled with the input design data used in the
previous Section 4: Designing a fixed off-time PFC.
Figure 18.
Excel spreadsheet design specification input table
Figure 19.
Other design data
The tool is able to generate a complete part list of the PFC schematic represented in
Figure 20
, including the power dissipation calculation of the main components.
Parameter
Name
Value
Unit [ ]
Mains Voltage Range
VacMin
90
VACrms
Mains Voltage Range
VacMax
265
VACrms
Min.Mains Frequency
fl
47
Hz
Regulated Output Voltage
Vout
400
Vdc
Rated Output Power
Pout
400
W
Max. Output Low Frequency Ripple
Vout
10
Vpk-pk
Max. Output Overvoltage
OVP
40
Vdc
Holdup Capability
Thold
20
ms
Min. Output Voltage after Line drop
VoutMin
300
Vdc
Min. Switching Frequency:
fmin
72
kHz
Expected Efficiency
η
90
%
Expected Power Factor
PF
0.99
---
Max ind.curr.ripple to peak ratio VACmin,Pout_max)
Kr
0.3
4
---
Maximum Ambient Temperature
Tambx
50
C
Parameter
Name
Value
Unit [ ]
Maximum Magnetic Flux Density
Bx
0.25
T
Ripple VoltageCoefficient
r
0.1
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com