Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 7Page - STMicroelectronics AN2809 Datasheet HTML 8Page - STMicroelectronics AN2809 Datasheet HTML 9Page - STMicroelectronics AN2809 Datasheet HTML 10Page - STMicroelectronics AN2809 Datasheet HTML 11Page - STMicroelectronics AN2809 Datasheet HTML 12Page - STMicroelectronics AN2809 Datasheet HTML 13Page - STMicroelectronics AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN2809
Configuration
11/22
Otherwise, when SW2 is set to the lower position, the MODE pin is connected to AVCC and
the corresponding fault management is summarized in the second column of
Table 4.
Figure 6.
SW2 (MODE) setting
7.3
SW3 enable function
The terminals of the switch SW3 are connected on one side to the EN pin and on the other
side to ground. Therefore, when the switch is not pressed, the EN pin is floating, which
implies that the device is working. When the SW3 pin is pressed, the EN pin is connected to
ground. When the SW3 is released, the device re-starts (the soft-start is performed). The
SW3 switch can be activated whenever a new start-up is required or to escape a latched
condition.
Table 4.
Fault management summary
Fault
MODE to GND
MODE to VCC
Internal MOSFET over
current
Fault pin HIGH
Power MOSFET turned OFF
Output overvoltage
FAULT pin LOW
Device turned OFF, latched condition
Thermal shutdown
FAULT pin LOW. Device turned OFF.
Automatic restart after 30°C temperature drop.
LED short circuit
Fault pin LOW
Device turned OFF at first
occurrence, latched condition
(Vth=3.4V)
Fault pin LOW
Faulty row(s) disconnected. Device
keeps on working with the remaining
row(s) (Vth=6V)
Open row(s)
Fault pin LOW
Device turned OFF at first
occurrence, latched condition
FAULT pin HIGH
Faulty row(s) disconnected. Device
keeps on working with the remaining
row(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com