Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2809 Datasheet HTML 1Page - STMicroelectronics AN2809 Datasheet HTML 2Page - STMicroelectronics AN2809 Datasheet HTML 3Page - STMicroelectronics AN2809 Datasheet HTML 4Page - STMicroelectronics AN2809 Datasheet HTML 5Page - STMicroelectronics AN2809 Datasheet HTML 6Page - STMicroelectronics AN2809 Datasheet HTML 7Page - STMicroelectronics AN2809 Datasheet HTML 8Page - STMicroelectronics AN2809 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN2809
LED7706 - main features
5/22
1
LED7706 - main features
1.1
Boost section
●
4.5- to 36-V input voltage range
●
Internal power MOSFET
●
Internal +5 V LDO for device supply
●
Up to 36-V output voltage
●
Constant frequency peak current-mode control
●
200-kHz to 1-MHz adjustable switching frequency
●
External sync for multi-device application
●
Pulse-skip power-saving mode at light loads
●
Programmable soft-start
●
Programmable OVP protection
●
Single ceramic output capacitor
●
Non-latched thermal shutdown
1.2
Backlight driver section
●
Six rows with 30 mA maximum current capability (adjustable)
●
Up to 10 white LEDs per row
●
Row disabling option
●
Less than 500 ns minimum dimming time (1% minimum dimming duty-cycle at 20 kHz
dimming frequency)
●
±2.0% current matching between rows
●
LED failure (open and short circuit) detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com