Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 9Page - STMicroelectronics AN2809 Datasheet HTML 10Page - STMicroelectronics AN2809 Datasheet HTML 11Page - STMicroelectronics AN2809 Datasheet HTML 12Page - STMicroelectronics AN2809 Datasheet HTML 13Page - STMicroelectronics AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics AN2809 Datasheet HTML 16Page - STMicroelectronics AN2809 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2809
Getting started
13/22
9
Getting started
The following step-by-step sequences are provided as a guideline to quickly evaluate the
performance of the LED7706 board.
9.1
Quick startup
Note:
Working in a ESD-protected environment is highly recommended. First check all wrist straps
and mat earth connections before handling the LED7706 board.
1.
Connect the power supply to the LED7706 board and insert the A-meter as shown in
Figure 8. Connect a V-meter between VBOOST and ground to monitor the output
voltage.
2.
Connect the proper WLEDs array to the J8 connector or to the row1-row6 and
VBOOST terminals of the LED7706 board.
3.
Set the PWM signal (20 kHz, 5% duty-cycle, 3.3 V CMOS logic levels) on a signal
generator and provide it to the DIM input.
4.
Set SW1 and SW2 to the lower position (fixed frequency and MODE to AVCC). Do not
change jumper settings when the board is switched on.
5.
Set the input voltage to 12 V.
6.
Turn on the PWM generator.
7.
Turn on the VIN supply: the device turns on.
8.
Vary the input voltage in the range 4.5–32 V.
9.
Set the input voltage to 12 V.
10. Vary the dimming duty-cycle from 1 to 100%.
11. Check the shape of the rows’ current at a 1% dimming duty-cycle.
Note:
When measuring the current of row x, an auto-ranging A-meter can trigger the open-row or
shorted-LED fault detection during the automatic scale selection procedure. Disabling the
auto-ranging option on the A-meter is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com