Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics AN2809 Datasheet HTML 16Page - STMicroelectronics AN2809 Datasheet HTML 17Page - STMicroelectronics AN2809 Datasheet HTML 18Page - STMicroelectronics AN2809 Datasheet HTML 19Page - STMicroelectronics AN2809 Datasheet HTML 20Page - STMicroelectronics AN2809 Datasheet HTML 21Page - STMicroelectronics AN2809 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
WLEDs test board
AN2809
20/22
Table 5, Table 6 and Table 7 respectively describe the board’s jumper functions, switches
and test-points.
Table 5.
Test board jumper functions
Jumper
Function
Default position
J1
Two-position selector. Used in conjunction with SW1 to simulate
a fault on shorted LEDs on row1. When set to position 1, the D10
LED can be shorted by pressing SW1. When set to position 2,
both D9 and D10 LEDs can be shorted by pressing SW1.
1
J2
Two-position selector. Same function as J1 but related to row6
(D59 and D60 LEDs).
1
J3 to J7
PCB tin-drop jumpers, bottom-sided. Used to parallelize the
desired number of rows.
Open
J8
8-terminal connector. Used to interface the LED7706
demonstration board.
-
J9
PCB tin-drop jumper, bottom-sided. Used to provide the output
voltage of the boost section of LED7706 to the low-current (D1-
D60), top-sided WLEDs array.
Shorted
J10 to J15
Two-pin jumpers, top-sided. Used to access the LED strings to
perform row current monitoring and voltage threshold
measurement.
Shorted
J16 to J39
PCB tin-drop jumper, bottom-sided. Used to reduce the number
of active LEDs of each row by shorting unused diodes.
Open
Table 6.
Test board switch functions
Switch
Function
Default position
SW1
Used in conjunction with J1 to simulate a shorted LED fault
condition. See J1 function.
Open (released)
SW2
Used in conjunction with J2 to simulate a shorted LED fault
condition. See J2 function.
Open (released)
SW3
DIP switch. Used to individually break ROW1 through row6.
Used to simulate open LED fault or unused (floating) rows.
ON
Table 7.
Test board test-point functions
Test point
Function
TP1 to TP10
PCB test points, top-sided. Used to easily access each LED of ROW1 (D1-D10).
TP11 to TP20
PCB test points, top-sided. Used to easily access each LED of ROW6 (D51-D60).
TP21
PCB test point, top-sided. Auxiliary access to the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com