Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 8Page - STMicroelectronics AN2809 Datasheet HTML 9Page - STMicroelectronics AN2809 Datasheet HTML 10Page - STMicroelectronics AN2809 Datasheet HTML 11Page - STMicroelectronics AN2809 Datasheet HTML 12Page - STMicroelectronics AN2809 Datasheet HTML 13Page - STMicroelectronics AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics AN2809 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Test setup
AN2809
12/22
8
Test setup
A proper WLED array is required as load to correctly evaluate the LED7706.
Figure 7 shows
a possible assembly of LED7706 with a WLEDs test board. This demonstration board
includes 60 white LEDs (20 mA), switches, jumpers and test points used to easily perform
the functional tests of the LED7706.
Chapter 10 provides a brief description of the test
board and its schematic, which can be used as reference for any customized board.
Figure 7.
LED7706 demonstration board and white LEDs test board assembly
Figure 8 shows the complete test setup.
Figure 8.
LED7706 board test setup
PWM Generator
4.5V – 32V @ 2A
Power Supply
6x10 – 20mA WLEDs
Test Board
VBOOST
VIN+
VIN-
GND
DIM
+
A-Meter
CH2
CH1
Scope
V-Meter
ROW1
PWM Generator
4.5V – 32V @ 2A
Power Supply
6x10 – 20mA WLEDs
Test Board
VBOOST
VIN+
VIN-
GND
DIM
+
A-Meter
CH2
CH1
Scope
V-Meter
ROW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com