Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 12Page - STMicroelectronics AN2809 Datasheet HTML 13Page - STMicroelectronics AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics AN2809 Datasheet HTML 16Page - STMicroelectronics AN2809 Datasheet HTML 17Page - STMicroelectronics AN2809 Datasheet HTML 18Page - STMicroelectronics AN2809 Datasheet HTML 19Page - STMicroelectronics AN2809 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Getting started
AN2809
16/22
In this condition, the power provided to the LEDs is simply calculated as:
where VSTRING is the voltage across the parallelized channels, whereas ISTRING is the total
current delivered to the load (the sum of the current of the six channels). Since all the
channels are in parallel (120 mA total current), a single string of 150 mA-rated LEDs is
required as load (
Figure 10).
Figure 10.
Efficiency measurement setup
Figure 11 and Figure 12 show two efficiency measurements against the duty-cycle of the
dimming signal at two different input voltages.
P
LOAD
V
STRING
I
STRING
⋅
=
PWM Generator
4.5V – 32V @ 2A
Power Supply
10 WLEDs 150mA array
VBOOST
VIN+
VIN-
GND
DIM
+
A-Meter
V-Meter
ROW1
V-Meter
A-Meter
PWM Generator
4.5V – 32V @ 2A
Power Supply
10 WLEDs 150mA array
VBOOST
VIN+
VIN-
GND
DIM
+
A-Meter
V-Meter
ROW1
V-Meter
A-Meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com