Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2809 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 10Page - STMicroelectronics AN2809 Datasheet HTML 11Page - STMicroelectronics AN2809 Datasheet HTML 12Page - STMicroelectronics AN2809 Datasheet HTML 13Page - STMicroelectronics AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics AN2809 Datasheet HTML 16Page - STMicroelectronics AN2809 Datasheet HTML 17Page - STMicroelectronics AN2809 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Getting started
AN2809
14/22
9.2
Open and shorted WLED fault testing
1.
Set the input voltage to 12 V.
2.
Set the dimming duty-cycle to 20%.
3.
Disconnect the rows in sequence and compare the behavior of the LED7706 to
Table 4.
4.
Restore all row connections and force the EN input to ground.
5.
Release the EN input.
6.
Short one or more WLEDs and compare the behavior of the LED7706 to
Table 4.
7.
Press the SW3 push button of the LED7706 board to reset the device.
8.
Turn off the power supply and set the SW2 selector to the upper position (MODE to
ground).
9.
Turn on the power supply and repeat steps 3 to 7.
10. Remove all shorted WLEDs and leave ROW1 and ROW2 floating.
11. Turn on the power supply: the floating rows are ignored.
12. Turn off the PWM generator.
13. Turn off the power supply.
9.3
Device synchronization
1.
Set the PWM dimming signal to 100%.
2.
Remove the jumper from the SW1 selector to leave the FSW pin floating.
3.
Connect an external 600 kHz clock generator (0 to 1 V logic levels, 40% duty-cycle)
between the FSW test point and ground. Refer to
Figure 9.
4.
Turn on the PWM generator.
5.
Turn on the power supply: the device remains off until the FSW pin is low.
6.
Turn on the clock generator: the device turns on.
7.
Monitor the SYNC output and verify the synchronization (the SYNC output is a replica
of the FSW signal).
8.
Turn off the PWM generator.
9.
Turn off the clock generator.
10. Turn off the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com